Part Number Hot Search : 
B7664 MU22S ISL2902 9C08052A 14D361K 58000 15KP280 3223EEY
Product Description
Full Text Search
 

To Download NACEW330M100V10X105TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nacew 331 m 35v 10x10.5 tr 13 y f rohs compliant 13 = 13" (330mm) reel, 15 = 15" (380mm) reel tape & reel size in mm working voltage tolerance code m=20% capacitance code in mf, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site case diameter termination material 4 ~ 10mm 97% sn, 3% bi 12.5mm 99.3% sn, 0.7% bi 16mm 100% sn specifications are subject to change surface mount aluminum electrolytic capacitors nacew series features ? cylindrical v-chip construction ? wide temperature -55 ~ +105 o c ? designed for reflow soldering ? meets the requirements of aec-q200* *contact nic for supporting test data characteristics rated voltage range 6.3 ~ 100vdc** rate capacitance range 1.0 ~ 12,000f operating temp. range -55c ~ +105c (100v -40c ~ +105 c) capacitance tolerance 20% (m) max. leakage current after 2 minutes @ 20c 0.01cv or 3a whichever is greater max. tan @120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 100 s.v. (vdc) 8 132032446379125 4 ~ 6.3mm dia. 0.24 0.20 0.16 0.14 0.12 0.10 0.12 0.10 8 & larger c < 1,000f 0.28 0.24 0.20 0.16 0.14 0.12 0.12 0.10 c = 1,500f 0.28 - 0.20 - 0.14 0.12 - - c = 2,200f, 2,700f - 0.26 - 0.18 0.16 - - - c = 3,300f, 3,900f 0.32 - 0.24 0.20 - - - - c = 4,700f - 0.30 0.26 ----- c = 5,600f - - 0.28 ----- c = 6,800f 0.38 0.34 - ----- c = 8,200f - 0.38 - ----- c = 10,000f 0.46 - - ----- c = 12,000f 0.50 - - ----- low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 63 100 z-40c/z+20c 3322222 3 z-55c/z+20c 8644333 - load life test 4 ~ 6.3mm dia. & 10x8mm +105c 1,000 hours capacitance change within 25% of initial measured value tan less than 200% of speci ed max. value 8 ~ 16mm dia. +105c 2,000 hours leakage current less than speci ed max. value precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com new expanded value range (up to 12,000f)
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nacew series surface mount aluminum electrolytic capacitors nic part number cap. (f) w.v. (vdc) dissipation factor (tan ) max. ripple current (ma) +105c/120hz maximum esr () +20 o c/120hz load life hours @ +105c nacew220m6.3v4x5.5tr13f 22 6.3 0.24 22 18.1 1,000 nacew330m6.3v5x5.5tr13f 33 0.24 27 12.1 1,000 nacew470m6.3v5x5.5tr13f 47 0.24 33 8.47 1,000 nacew101m6.3v6.3x5.5tr13f 100 0.24 50 3.98 1,000 nacew221m6.3v6.3x6.3tr13f 220 0.24 67 1.81 1,000 nacew331m6.3v6.3x8tr13f 330 0.24 105 1.21 1,000 nacew471m6.3v8x10.5tr13f 470 0.28 210 0.99 2,000 nacew681m6.3v8x10.5tr13f 680 0.28 210 0.68 2,000 nacew681m6.3v10x8tr13f 680 0.28 210 0.68 1,000 nacew102m6.3v8x10.5tr13f 1000 0.28 280 0.46 2,000 nacew152m6.3v10x10.5tr13f 1500 0.28 310 0.31 2,000 nacew332m6.3v12.5x14tr15f 3300 0.32 520 0.14 2,000 nacew682m6.3v16x17tr15f 6800 0.38 930 0.093 2,000 nacew103m6.3v18x17.5tr15f 10000 0.46 1200 0.076 2,000 nacew123m6.3v18x22tr15f 12000 0.50 1350 0.069 2,000 nacew220m10v5x5.5tr13f 22 10 0.20 25 15.1 1,000 nacew330m10v5x5.5tr13f 33 0.20 30 10.1 1,000 nacew470m10v5x5.5tr13f 47 0.20 41 7.06 1,000 nacew151m10v6.3x6.3tr13f 150 0.20 62 2.21 1,000 nacew221m10v6.3x8tr13f 220 0.20 105 1.51 1,000 nacew331m10v8x10.5tr13f 330 0.24 195 1.21 2,000 nacew471m10v8x10.5tr13f 470 0.24 210 0.85 2,000 nacew471m10v10x8tr13f 470 0.24 210 0.85 1,000 nacew102m10v10x10.5tr13f 1000 0.24 310 0.40 2,000 nacew222m10v12.5x14tr15f 2200 0.24 510 0.18 2,000 nacew472m10v16x17tr15f 4700 0.24 880 0.11 2,000 nacew682m10v18x17.5tr15f 6800 0.34 1150 0.083 2,000 nacew822m10v18x22tr15f 8200 0.38 1350 0.077 2,000 nacew100m16v4x5.5tr13f 10 16 0.16 18 26.5 1,000 nacew220m16v5x5.5tr13f 22 0.16 27 12.1 1,000 nacew330m16v6.3x5.5tr13f 33 0.16 40 8.04 1,000 nacew470m16v6.3x5.5tr13f 47 0.16 48 5.65 1,000 nacew101m16v6.3x5.5tr13f 100 0.16 60 2.66 1,000 nacew151m16v6.3x8tr13f 150 0.16 95 1.77 1,000 nacew221m16v6.3x8tr13f 220 0.16 105 1.21 1,000 nacew331m16v8x10.5tr13f 330 0.20 195 1.00 2,000 nacew331m16v10x8tr13f 330 0.20 195 1.00 1,000 nacew471m16v8x10.5tr13f 470 0.20 230 0.71 2,000 nacew681m16v10x10.5tr13f 680 0.20 310 0.49 2,000 nacew152m16v12.5x14tr15f 1500 0.20 500 0.23 2,000 nacew332m16v16x17tr15f 3300 0.20 840 0.12 2,000 nacew472m16v18x17.5tr15f 4700 0.26 1090 0.092 2,000 nacew562m16v18x22tr15f 5600 0.28 1300 0.083 2,000 nacew4r7m25v4x5.5tr13f 4.7 25 0.14 13 49.4 1,000 nacew100m25v5x5.5tr13f 10 0.14 20 23.2 1,000 nacew220m25v6.3x5.5tr13f 22 0.14 36 10.6 1,000 nacew330m25v6.3x5.5tr13f 33 0.14 44 7.04 1,000 nacew470m25v6.3x6.3tr13f 47 0.14 48 4.95 1,000 nacew101m25v6.3x8tr13f 100 0.14 91 2.32 1,000 nacew151m25v8x10.5tr13f 150 0.16 140 1.77 2,000 nacew221m25v8x10.5tr13f 220 0.16 175 1.21 2,000 nacew221m25v10x8tr13f 220 0.16 175 1.21 1,000 nacew331m25v8x10.5tr13f 330 0.16 220 0.80 2,000 nacew471m25v10x10.5tr13f 470 0.16 300 0.57 2,000 nacew102m25v12.5x14tr15f 1000 0.16 460 0.27 2,000 nacew222m25v16x17tr15f 2200 0.16 805 0.14 2,000 nacew332m25v18x17.5tr15f 3300 0.20 1040 0.10 2,000 nacew392m25v18x22tr15f 3900 0.20 1280 0.085 2,000 standard values, case sizes and specifications for automotive equipment see part number system represents new value
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nic part number cap. (f) w.v. (vdc) dissipation factor (tan ) max. ripple current (ma) +105c/120hz maximum esr () +20 o c/120hz load life hours @ +105c nacew4r7m35v4x5.5tr13f 4.7 35 0.12 14 42.3 1,000 nacew100m35v5x5.5tr13f 10 0.12 21 19.9 1,000 nacew220m35v6.3x5.5tr13f 22 0.12 38 9.05 1,000 nacew330m35v6.3x6.3tr13f 33 0.12 42 6.04 1,000 nacew470m35v6.3x6.3tr13f 47 0.12 49 4.24 1,000 nacew101m35v6.3x8tr13f 100 0.12 84 2.32 1,000 nacew151m35v8x10.5tr13f 150 0.14 155 1.55 2,000 nacew151m35v10x8tr13f 150 0.14 155 1.55 1,000 nacew221m35v8x10.5tr13f 220 0.14 190 1.06 2,000 nacew331m35v10x10.5tr13f 330 0.14 300 0.70 2,000 nacew471m35v12.5x14tr15f 470 0.14 410 0.49 2,000 nacew681m35v12.5x14tr15f 680 0.14 430 0.34 2,000 nacew102m35v16x17tr15f 1000 0.14 700 0.23 2,000 nacew152m35v16x17tr15f 1500 0.14 740 0.15 2,000 nacew222m35v18x17.5tr15f 2200 0.16 950 0.12 2,000 nacew272m35v18x22tr15f 2700 0.16 1200 0.098 2,000 nacew1r0m50v4x5.5tr13f 1.0 50 0.10 7.0 166 1,000 nacew2r2m50v4x5.5tr13f 2.2 0.10 11 75.4 1,000 nacew3r3m50v4x5.5tr13f 3.3 0.10 13 50.3 1,000 nacew4r7m50v5x5.5tr13f 4.7 0.10 16 35.3 1,000 nacew100m50v6.3x5.5tr13f 10 0.10 24 16.6 1,000 nacew220m50v6.3x6.3tr13f 22 0.10 32 7.64 1,000 nacew330m50v6.3x8tr13f 33 0.10 60 5.03 1,000 nacew470m50v6.3x8tr13f 47 0.10 63 3.53 1,000 nacew101m50v8x10.5tr13f 100 0.12 140 1.99 2,000 nacew221m50v10x10.5tr13f 220 0.12 220 0.91 2,000 nacew102m50v16x17tr15f 1000 0.12 655 0.20 2,000 nacew152m50v18x22tr15f 1500 0.12 1100 0.13 2,000 nacew1r0m63v4x5.5tr13f 1.0 63 0.12 7.0 199 1,000 nacew2r2m63v4x5.5tr13f 2.2 0.12 11 90.5 1,000 nacew3r3m63v4x5.5tr13f 3.3 0.12 14 60.3 1,000 nacew4r7m63v5x5.5tr13f 4.7 0.12 16 42.3 1,000 nacew100m63v6.3x5.5tr13f 10 0.12 24 19.9 1,000 nacew220m63v6.3x8tr13f 22 0.12 49 9.04 1,000 nacew330m63v8x10.5tr13f 33 0.12 112 6.03 1,000 nacew470m63v8x10.5tr13f 47 0.12 119 4.24 1,000 nacew101m63v10x10.5tr13f 100 0.12 196 1.99 2,000 nacew221m63v12.5x14tr15f 220 0.12 287 0.91 2,000 nacew471m63v16x17tr15f 470 0.12 630 0.42 2,000 nacew681m63v18x17.5tr15f 680 0.12 750 0.29 2,000 nacew102m63v18x22tr15f 1000 0.12 900 0.20 2,000 nacew1r0m100v4x6.3tr13f 1.0 100v 0.10 7.0 166 1,000 nacew2r2m100v6.3x6.3tr13f 2.2 0.10 14 75.4 1,000 nacew3r3m100v6.3x6.3tr13f 3.3 0.10 20 50.3 1,000 nacew4r7m100v6.3x6.3tr13f 4.7 0.10 25 35.3 1,000 nacew100m100v6.3x8tr13f 10 0.10 35 16.6 1,000 nacew220m100v8x10.5tr13f 22 0.10 84 7.64 2,000 nacew330m100v10x10.5tr13f 33 0.10 133 5.03 2,000 nacew470m100v12.5x14tr15f 47 0.10 240 3.53 2,000 nacew151m100v16x17tr15f 150 0.10 500 1.10 2,000 nacew221m100v18x17.5tr15f 220 0.10 650 0.75 2,000 nacew331m100v18x22tr15f 330 0.10 700 0.50 2,000 nacew series surface mount aluminum electrolytic capacitors standard values, case sizes and specifications for automotive equipment see part number system represents new value
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com case size d 0.5 l max. a 0.2 b 0.2 i 0.2 w p 0.2 4x5.5 4.0 5.5 4.3 4.3 2.0 0.5 ~ 0.8 1.0 4x6.3 4.0 6.3 4.3 4.3 2.0 0.5 ~ 0.8 1.0 5x5.5 5.0 5.5 5.3 5.3 2.1 0.5 ~ 0.8 1.4 6.3x5.5 6.3 5.5 6.6 6.6 2.5 0.5 ~ 0.8 2.2 6.3x6.3 6.3 6.3 6.6 6.6 2.5 0.5 ~ 0.8 2.2 6.3x8 6.3 8.0 6.6 6.6 2.5 0.5 ~ 0.8 2.2 8x6.5 8.0 6.5 8.3 8.3 3.4 0.5 ~ 0.8 2.2 8x10.5 8.0 10.5 8.3 8.3 2.9 0.7 ~ 1.0 3.2 10x8 10.0 8.0 10.3 10.3 3.2 1.0 ~ 1.4 4.6 10x10.5 10.0 10.5 10.3 10.3 3.2 1.0 ~ 1.4 4.6 12.5x14 12.5 14.0 12.8 12.8 4.5 1.0 ~ 1.4 4.6 16x17 16.0 17.0 16.3 16.3 5.0 1.8 ~ 2.1 7.0 18x17.5 18.0 17.5 19.0 19.0 6.5 1.7 ~ 2.1 7.0 18x22 18.0 22.0 19.0 19.0 6.5 1.7 ~ 2.1 7.0 dimensions (mm) specifications are subject to change 0.3mm max. d l + - i i w p a b ripple current frequency correction factor frequency (hz) 100 > f < 1k 1k > f < 10k 10k < 100k f > 100k c < 4.7 f 1.00 1.30 1.50 1.80 4.7f < 33 f 1.00 1.20 1.30 1.45 33f < 12,000 f 1.00 1.10 1.20 1.30 review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl nacew series surface mount aluminum electrolytic capacitors diameter a b c 4 1.0 2.6 1.8 5 1.4 3.0 1.8 6.3 1.8 3.6 1.8 8 2.8 4.1 2.1 10 4.3 4.4 2.5 12.5 4.3 5.8 2.5 16 6.6 6.5 5.0 18 6.6 7.7 5.0 a c b recommended land pattern dimensions (mm) peak reflow temperature and duration voltage diameter peak temperature (t) 5 seconds time above +200c (t) time above +217c (t1) time above +230c (t2) 6.3v to 63v 4 ~ 6.3 +250c 70 sec. max 60 sec. max. 40 sec. max. 8 +245c 60 sec. max 50 sec. max. 30 sec. max. 10, 12.5 +240c 50 sec. max 40 sec. max. 20 sec. max. 16, 18 +235c 50 sec. max 30 sec. max. 15 sec. max. 100v 4 ~ 6.3 +250c 60 sec. max 50 sec. max. 40 sec. max. 8 +240c 60 sec. max 40 sec. max. 30 sec. max. 10 +240c 50 sec. max 30 sec. max. 20 sec. max. 12.5 +235c 50 sec. max 30 sec. max. 20 sec. max. 16, 18 +235c 45 sec. max 20 sec. max. 10 sec. max. time above 200c (t) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (t) 230 time above 230c (t2) time above 217c (t1)
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nacew series surface mount aluminum electrolytic capacitors carrier tape case size a 0.5 b 0.2 c 0.3 d 0.1 p 0.1 t 0.2 t max. s 0.1 4x5.5 4.7 4.7 12.0 5.5 8.0 5.8 0.6 - 4x6.3 4.7 4.7 12.0 5.5 8.0 6.4 0.6 - 5x5.5 5.7 5.7 12.0 5.5 12.0 5.8 0.6 - 6.3x5.5 7.0 7.0 16.0 7.5 12.0 5.8 0.6 - 6.3x6.3 7.0 7.0 16.0 7.5 12.0 6.5 0.6 - 6.3x8 7.0 7.0 16.0 7.5 12.0 8.2 0.6 - 8x6.5 8.7 8.7 16.0 7.5 12.0 6.8 0.6 - 8x10.5 8.7 8.7 24.0 7.5 12.0 11.1 0.6 - 10x8 10.7 10.7 24.0 11.5 16.0 8.3 0.6 - 10x10.5 10.7 10.7 24.0 11.5 16.0 11.2 0.6 - 12.5x14 13.2 13.2 32.0 14.2 24.0 14.2 0.6 28.4 16x17 17.5 17.5 44.0 20.2 28.0 17.3 0.6 40.4 18x17.5 19.5 19.5 44.0 20.2 32.0 17.8 0.6 40.4 18x22 19.5 19.5 44.0 20.2 32.0 22.5 0.6 40.4 case size w 1.0 quantity per reel 13" reel 15" reel 4x5.5 14.0 1,500 pcs 2,000 pcs 4x6.3 14.0 1,200 pcs 2,000 pcs 5x5.5 14.0 1,000 pcs 1,000 pcs 6.3x5.5 18.0 1,000 pcs 1,000 pcs 6.3x6.3 18.0 800 pcs 1,000 pcs 6.3x8 18.0 500 pcs 900 pcs 8x6.5 18.0 800 pcs 1,000 pcs 8x10.5 26.0 300 pcs 500 pcs 10x8 26.0 400 pcs 500 pcs 10x10.5 26.0 300 pcs 500 pcs 12.5x14 34.0 n/a 250 pcs 16x17 46.0 n/a 200 pcs 18x17.5 46.0 n/a 175 18x22 46.0 n/a 125 tr13 330mm (13") reel tr15 380mm (15") reel taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. 13? 0.5 3.0 0.5 330 or 380mm 50? min. 21 0.8 2.00.5 w reel t a p feeding d b c 1.5+0.1/-0 1.75 + 0.15 t 4 + 0.1 s


▲Up To Search▲   

 
Price & Availability of NACEW330M100V10X105TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X